PART |
Description |
Maker |
SPPH240100 SPPH240300 SPPH210100 SPPH210500 SPPH23 |
1mm-travel Compact-sized Vertical Type
|
ALPS ELECTRIC CO.,LTD.
|
H7HP-A H7HP-AB H7HP-AD H7HP-ADB |
Compact Total Counters and Time Counters with Easy-to-read Displays and IP66G/ NEMA4 Water and Oil Resistance
|
Omron Electronics LLC
|
SPX1521 SPX1521M3 SPX1521M3-2.5 SPX1521M3-3.3 SPX1 |
300mA Low Dropout Voltage Regulator 300mA低压差稳压器 Subminiature - Sealed MICROSWITCH, SPDT, PLUNGER ACTUATOR; Current, contact AC:5A; Force, operating:204gf; Travel, pre:1.0mm; Centres, fixing LxW:22.2mm; Temp, op. max:120(degree C); Temp, op. min:-40(degree C); Length / Height, external:9.25mm; Width, RoHS Compliant: Yes 300mA Low Dropout Voltage Regulator, 1%
|
NXP Semiconductors N.V. http:// SIPEX[Sipex Corporation]
|
SKPF |
Long-travel
|
ALPS ELECTRIC
|
KN19 |
Short-travel main switch
|
ITT Corporation
|
SSAH120100 |
0.9(H)mm, 1.5mm-travel Surface Mount Type
|
ALPS ELECTRIC CO.,LTD.
|
SPPH410100 SPPH430100 SPPH430200 SPPH410200 SPPH4 |
2.2mm-travel Medium-sized Vertical Type
|
ALPS ELECTRIC CO.,LTD.
|
SKRAAKE010 SKRAAME010 SKRAALE010 |
6.2mm Square with Middle-travel (Surface Mount Type)
|
ALPS ELECTRIC CO.,LTD.
|
EVPAD PANASONICCORP-EVPADK04K |
10 mm Square Center Space Long Travel SMD Light Touch Switches
|
Panasonic Semiconductor
|
SPEF220200 SPEF220100 SPEF210101 SPEF210200 SPEF11 |
1.5mm-travel Vertical Type 1.5mm-travel Vertical Type
|
ALPS ELECTRIC CO.,LTD.
|